Part Number Hot Search : 
D476A 1NXJL D2502 FZL4145D TEA2014 BL808 GRM155 EL2186CS
Product Description
Full Text Search
 

To Download NT0540054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: NT05 40054
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number NT05 40054-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Zero-Power Resistance @ 25C Resistance @ 0C/ Resistance @ 50C Resistance @ 25C/ Resistance @ 125C Beta Temp Coefficient of Resistance @ 25C Operating Temperature Range Resistance @ Max Steady State Current Max Steady State Current Up To 65C Max Instantaneous Energy (Joules) Dissipation Constant Thermal Time Constant 40.0 10% 5.6 1% 14.1 2% 3169 0.87% -3.42%/ C -50C/ 150C 6.00 0.250 A 3.0 J 4.0mW/C 20 seconds
Mechanical Specifications:
D T Lead Diameter S L Coating Material 5.5 0.5 mm 2.7 0.4 mm 0.5 mm Nom 6.0 mm Nom 38.0 mm Min Flame Retarded Silicone Resin
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com
DATA SHEET
Part Number: NT05 40054
Resistance Temperature Curve:
Temperature -50 -40 -30 -20 -10 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 105 110 115 120 125 130 135 140 145 150 R@T/R@25C 26.32 15.41 9.357 5.870 3.792 2.514 2.6908 2.0785 1.6173 1.2674 1.000 0.7942 0.6348 0.5105 0.4129 0.3359 0.2748 0.2259 0.1867 0.1550 0.1293 0.1084 0.09120 0.07710 0.06540 0.05570 0.04760 0.04080 0.03510 0.03030 0.02630 0.02280 0.01990 0.01730 0.01520 0.01330
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of NT0540054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X